Part Number Hot Search : 
AS1100 KD520 PFT1306N FAN6206 BCPZRL MC33285D LOL29K 74AUP1
Product Description
Full Text Search
 

To Download XFA-0201-8W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XFA-0201-8W
Features
* * * * * Frequency Range: 0.05 - 125 MHz Impedance Ratio: 1:8, Unbalanced to Balanced Industry Standard SMT package Available in Tape-and -Reel Low Cost
SURFACE MOUNT TRANSFORMER
Description
The XFA-0201-8W transformer is designed for applications that require small, low cost, and highly reliable surface mount components. Applications may be found in broadband, wireless and other communications systems.
Specifications
Parameter Frequency Range (MHz) Insertion Loss <1dB Insertion Loss <2dB Insertion Loss <3dB Impedance ratio Type Minimum 0.05 0.24 0.08 0.05 1:8 Maximum 125 75 100 125
Absolute Maximum Ratings
Parameter RF Power Operating Temperature Storage Temperature Re-flow Temperature Maximum +33 dBm -55 to +100 C -55 to +100 C + 240 C
Unbalanced to Balanced
Schematic
Package - S06
Pin Functions
Function SECONDARY SECONDARY CT SECONDARY DOT PRIMARY DOT NC PRIMARY Pin 1 2 3 4 5 6
Typical Test Data - Insertion Loss of two units back-to-back @ 25C. Primary Impedance 50 Ohms.
Insertion Loss
0 -0.5 -1 -1.5 dB -2 -2.5 -3 -3.5 -4 0.3 15.9 31.5 47.1 62.7 78.2 93.8 109 125 Fre que ncy (M Hz) S21
Specifications and information on this data sheet are subject to change without notice.
1860 Hartog Drive, San Jose, California 95131 USA Leffelholzstr. 20, D-90441, Nurnberg, Germany 2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100 Tel: 001-408-436-7720 Tel: +49(0)911/9411 233 Tel: (86)21-5416-8648 Fax: 001-408-436-7689 Fax: +49(0)911/9411 198 Fax: (86)21-5416-8753 Email: Sales@premierdevices.com Email: Sales.germany@premierdevices.com Email: Sales.china@premierdevices.com


▲Up To Search▲   

 
Price & Availability of XFA-0201-8W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X